Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 28 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 28 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 24Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 25Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 26Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 27Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 28Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 29Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 30Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 31Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
DC Characteristics
This section summarizes the DC and AC Characteristics of the device. Designers
should check that the operating conditions in their circuit match the measure-
ment conditions specified in the Test Specifications in Table 8, when relying on
the quoted parameters.
CMOS Compatible
Note:
1. Typical values are at TA = 25°C and 3.0 V.
Parameter Description
Test Conditions (Note 1)
Min
Typ.
Max
Unit
VCC
Supply Voltage
2.7
3
3.6
V
ICC1
VCC Active Read Current
SCK = 0.1 VCC/0.9VCC
25 MHz
VCC = 3.0V
9
12
mA
ICC2
VCC Active Page Program Current CS# = VCC
10
16
mA
ICC3
VCC Active WRSR Current
CS# = VCC
20
mA
ICC4
VCC Active Sector Erase Current
CS# = VCC
20
mA
ICC5
VCC Active Bulk Erase Current
CS# = VCC
20
mA
ISB
Standby Current
CS# = VCC = 3.0 V
1
3
µA
ILI
Input Leakage Current
VIN = GND to VCC
1
µA
ILO
Output Leakage Current
VIN = GND to VCC
1
µA
VIL
Input Low Voltage
–0.3
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 1.6 mA, VCC = VCC min
0.4
V
VOH
Output High Voltage
IOH = –0.1 mA
VCC – 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com