Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 30 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 30 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 26Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 27Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 28Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 29Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 30Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 31Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 32Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 33Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
AC Characteristics
Table 9. AC Characteristics
Note:
1. Typical program and erase time assume the following conditions: 25°C, VCC = 3.0V; 10,000 cycles; checkerboard data
pattern.
2. Under worst-case conditions of 90°C; VCC = 2.7V; 100,000 cycles.
3. Not 100% tested
4. Both for READ and FAST_READ
Symbol
Parameter
Min
Typ
Max
Unit
FSCK (Note 4) SCK Clock Frequency
25
MHz
tCRT
Clock Rise Time (Slew Rate)
0.1
V/ns
tCFT
Clock Fall Time (Slew Rate)
0.1
V/ns
tWH
SCK High Time
18
ns
tWL
SCK Low Time
18
ns
tCS
CS# High Time
100
ns
tCSS (Note 3) CS# Setup Time
10
ns
tCSH (Note 3) CS# HOLD Time
10
ns
tHD (Note 3) HOLD# Setup Time
10
ns
tCD (Note 3) HOLD# Hold Time
10
ns
tHC
HOLD Setup Time (relative to
SCK)
10
ns
tCH
HOLD Hold Time (relative to
SCK)
10
ns
tV
Output Valid
0
15
ns
tHO
Output Hold Time
0
ns
tHD:DAT
Data in Hold Time
5
ns
tSU:DAT
Data in Setup Time
5
ns
tLZ (Note 3) HOLD# to Output Low Z
15
ns
tHZ (Note 3) HOLD# to Output High Z
20
ns
tDIS (Note 3) Output Disable Time
15
ns
tWPS (Note 3) Write Protect Setup Time
20
ns
tWPH (Note 3) Write Protect Hold Time
100
ns
tRES
Release SP Mode
1.0
µs
tSP
CS# High to Software Protect
Mode
3.0
µs
tW
Write Status Register Time
1.6
15 (Note 2)
ms
tPP (Note 1) Page Programming Time
6 (Note 1)
10 (Note 2)
ms
tSE
Sector Erase Time
512 Kb Sector
(S25FL002D)
0.5 (Note 1)
0.8 (Note 2)
sec
256 Kb Sector
(S25FL001D)
0.25 (Note 1) 0.4 (Note 2)
sec
tBE
Bulk Erase Time
1 Mb
device
1.0 (Note 1)
1.6 (Note 2)
sec
2 Mb
device
2.0 (Note 1)
3.2 (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com