Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 12 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 12 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 8Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 9Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 10Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 11Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 12Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 13Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 14Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 15Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Memory Organization
The memory is organized as:
S25FL002D: Four sectors of 512 Kbit each
S25FL001D: Four sectors of 256 Kbit each
Each page can be individually programmed (bits are programmed from 1 to
0).
The device is Sector, or Bulk erasable (bits are erased from 0 to 1).
Table 3. Sector Address Table – S25FL002D
Table 4. Sector Address Table – S25FL001D
Sector
Address Range
SA3
30000h
3FFFFh
SA2
20000h
2FFFFh
SA1
10000h
1FFFFh
SA0
00000h
0FFFFh
Sector
Address Range
SA3
18000h
1FFFFh
SA2
10000h
17FFFh
SA1
08000h
0FFFFh
SA0
00000h
07FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com