Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 35 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 35 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 30Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 31Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 32Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 33Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 34Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 35Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 36Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 37Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 38Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
35
Pre limin ary
I n f o r m a t ion
S08 wide—8-pin Plastic Small Outline 208mils Body Width Package (Continued)
Design Note:
This note is for the S25FL002D device only.
It is recommended that during PCB Layout, pads be placed on the board to ac-
commodate both Spansion’s SO-8 narrow and wide footprints. This will allow for
a smooth upgrade path to our 4Mb and 8Mb SPI devices, without the need to re-
layout the board.
In order to simplify layout, only one set of pads needs to be added to the board
to accommodate the 208 mils SO-8 wide package. Because the pinouts of both
the narrow and wide footprint parts are the same, no jumpers need to be placed
on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com