Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 14 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 14 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 10Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 11Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 12Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 13Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 14Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 15Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 16Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 17Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 4) sets the Write Enable Latch (WEL)
bit. The Write Enable Latch (WEL) bit must be set prior to every Page Program
(PP), Erase (SE or BE) and Write Status Register (WRSR) instruction. The Write
Enable (WREN) instruction is entered by driving Chip Select (CS#) Low, sending
the instruction code, and then driving Chip Select (CS#) High.
Figure 4. Write Enable (WREN) Instruction Sequence
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 5) resets the Write Enable Latch
(WEL) bit. The Write Disable (WRDI) instruction is entered by driving Chip Select
(CS#) Low, sending the instruction code, and then driving Chip Select (CS#)
High.
The Write Enable Latch (WEL) bit is reset under the following conditions:
Power-up
Write Disable (WRDI) instruction completion
Write Status Register (WRSR) instruction completion
Page Program (PP) instruction completion
Sector Erase (SE) instruction completion
Bulk Erase (BE) instruction completion
Figure 5. Write Disable (WRDI) Instruction Sequence
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status Register to be
read. The Status Register may be read at any time, even while a Program, Erase,
or Write Status Register cycle is in progress. When one of these cycles is in
progress, it is recommended to check the Write In Progress (WIP) bit before
CS#
SCK
SI
SO
High Impedance
Instruction
01
2 3
4 5 67
0 1 2 34 5 6 7
SCK
SI
SO
High Impedance
Instruction
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com