Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 31 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 31 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 27Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 28Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 29Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 30Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 31Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 32Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 33Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 34Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
31
Pre limin ary
I n f o r m a t ion
AC Characteristics
Figure 19. SPI Mode 0 (0,0) Input Timing
Figure 20. SPI Mode 0 (0,0) Output Timing
CS#
SCK
SI
SO
tCSH
tCSS
tCSH
tCSS
tCRT
tCFT
MSB IN
LSB IN
High Impedance
tSU:DAT
tHD:DAT
tCS
CS#
SCK
SO
LSB OUT
tWH
tWL
tDIS
tV
tHO
tV
tHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com