Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL002D0FMAI011 Datasheet(PDF) 24 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 24 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 20Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 21Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 22Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 23Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 24Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 25Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 26Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 27Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Figure 15. Release from Software Protect (RES) Instruction Sequence
Release from Software Protection and Read Electronic Signature (RES),
and Read ID (READ_ID)
Once the device has entered SP mode, all instructions are ignored except the RES
instruction. The RES instruction can also be used to read the 8-bit Electronic Sig-
nature of the device on the SO pin. The RES instruction always provides access
to the Electronic Signature of the device (except while an Erase, Program or
WRSR cycle is in progress), and can be applied even if SP mode has not been en-
tered. Any RES instruction executed while an Erase, Program or WRSR cycle is in
progress is not decoded, and has no effect on the cycle in progress.
The Read ID (READ_ID) instruction can be used to read, on Serial Data Output
(SO), the 8-bit Electronic Signature of the device.
Except while an Erase, Program or Write Status Register cycle is in progress, the
Read ID (READ_ID) instruction always provides access to the Electronic Signa-
ture of the device, and can be applied even if the Software Protect mode has not
been entered.
Any Read ID (READ_ID) instruction while an Erase, Program or Write Status Reg-
ister cycle is in progress, is not decoded, and has no effect on the cycle that is in
progress.
The device features an 8-bit Electronic Signature, whose value for the S25FL002D
is 11h, S25FL002D is 10h. This can be read using Read ID (READ_ID) instruction.
The device is first selected by driving Chip Select (CS#) Low. The instruction code
is followed by 3 dummy bytes, each bit being latched-in on Serial Data Input (SI)
during the rising edge of Serial Clock (SCK). Then, the 8-bit Electronic Signature,
stored in the memory, is shifted out on Serial Data Output (SO), each bit being
shifted out during the falling edge of Serial Clock (SCK).
The instruction sequence is shown in Figure 16.
The Read ID (READ_ID) instruction is terminated by driving Chip Select (CS#)
High after the Electronic Signature has been read at least once. Sending addi-
CS#
SCK
SI
0
1
23
4
5
6
7
Instruction
Software Protect Mode
t
RES
Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com