Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 4 Page - NXP Semiconductors

  MPF7100BVBA3ES Datasheet HTML 1Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 2Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 3Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 4Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 5Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
4 / 125
6 Internal block diagram
aaa-034296
EPAD
LDO2EN
VSELECT
SW5FB
SW5IN
SW5LX
Digital Signal(s)
Analog Reference(s)
20 MHz Clock/Derivative
100 kHz Clock/Derivative
LDO2
LDO1IN
LDO2OUT
LDO2 VMON
EA
AND
DRIVER
SW5 MISC
REFERENCE
SW5
VMON
LDO1
LDO1OUT
LDO2IN
SYNCIN
SYNCOUT
AMUX
AGND
DGND
VIN
VSNVS1
V1P5D
VSNVS1
VIN
OVLO
LDO1 VMON
CLOCK MANAGEMENT
(100 kHz / 20 MHz / PLL /
DIGITAL MODULE)
17 CHANNEL
ANALOG MUX
PMIC
INTERNAL
MONITORS
PGOOD
MONITORS
SW1VMON
SW2VMON
SW3VMON
SW4VMON
SW5VMON
LDO1VMON
LDO2VMON
EXTERNAL
CHANNEL
INPUT
DIE
TEMPERATURE
MONITORS
MANUAL TUNING
SPREAD SPECTRUM
EXTERNAL CLOCK
SYNC
V1P5A
FSOB
PGOOD
VBG2
VBG1
XFAILB
V1P5D
LDO
V1P5A
LDO
REGULATION
BANDGAP
BANDGAP
COMPARATOR
MONITORING
BANDGAP
FAIL SAFE
CONTROL
VSNVS2
VSNVS2
EWARNB
INTB
RESETBMCU
WATCHDOG
TIMER
DIGITAL CORE
AND
STATE MACHINE
THERMAL MONITORING
/ SHUTDOWN
OTP MEMORY
WD monitoring
XINT
TBBEN
STANDBY
PWRON
WDI
SCL
VDDIO
VDDOTP
SDA
VBG2
VBG2
VBG2
EPAD
SW4FB
SW4IN
SW4LX
EA
AND
DRIVER
REF
SELEC.
VBG2
SW4
VMON
EPAD
SW3FB
SW3IN
SW3LX
EA
AND
DRIVER
VTT
REFERENCE
SELECTOR
SW3
VMON
REF
SELEC.
SW3 DVS
AND MISC
REFERENCE
SW4 DVS
AND MISC
REFERENCE
÷ 2
VBG2
EPAD
SW2FB
SW2IN
SW2LX
EA
AND
DRIVER
REF
SELEC.
VBG2
SW2
VMON
SW2 DVS
AND MISC
REFERENCE
EPAD
SW1FB
SW1IN
SW1LX
EA
AND
DRIVER
REF
SELEC.
VBG2
SW1
VMON
SW1 DVS
AND MISC
REFERENCE
Figure 3. Internal block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com