Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 65 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 61Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 62Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 63Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 64Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 65Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 66Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 67Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 68Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
65 / 125
Symbol
Parameter
[1] [2]
Min
Typ
Max
Unit
VSWxACCPFM
Output voltage accuracy
PFM mode
0.4 V ≤ VSWxFB ≤ 1.5 V
0 ≤ ISWx ≤ 100 mA
-36
—
36
mV
VSWxACCPFM
Output voltage accuracy
PFM mode
VSWxFB = 1.8 V
0 ≤ ISWx ≤ 100 mA
-57
—
57
mV
tPFMtoPWM
PFM to PWM transition time
30
—
—
µs
ISWx [4]
Max load current in single phase
2500
—
—
mA
ISWx_DP [4]
Max load current in dual phase
5000
—
—
mA
ISWx_TP
Max load current in triple phase
7500
—
—
mA
ISWx_QP
Max load current in quad phase
10000
—
—
mA
ISWxLIM
Current limiter - inductor peak current detection
SWxILIM[1:0] = 00
1.6
2.1
2.5
A
ISWxLIM
Current limiter - inductor peak current detection
SWxILIM[1:0] = 01
2.0
2.6
3.1
A
ISWxLIM
Current limiter - inductor peak current detection
SWxILIM[1:0] = 10
2.4
3.0
3.7
A
ISWxLIM
Current limiter - inductor peak current detection
SWxILIM[1:0] = 11
3.6
4.5
5.45
A
ISWxNLIM
Negative current limit in single phase mode
0.6
1.0
1.4
A
ISWxxLIM_DP
Current limit in dual phase operation
SWxILIM = 00 (master)
3.2
4.2
5.0
A
ISWxxLIM_DP
Current limit in dual phase operation
SWxILIM = 01 (master)
4.0
5.2
6.2
A
ISWxxLIM_DP
Current limit in dual phase operation
SWxILIM = 10 (master)
4.8
6.0
7.4
A
ISWxxLIM_DP
Current limit in dual phase operation
SWxILIM = 11 (master)
7.2
9.0
10.9
A
ISWxxLIM_TP
Current limit in triple phase operation
SWxILIM = 00 (master)
4.8
6.3
7.5
A
ISWxxLIM_TP
Current limit in triple phase operation
SWxILIM = 01 (master)
6.0
7.8
9.3
A
ISWxxLIM_TP
Current limit in triple phase operation
SWxILIM = 10 (master)
7.2
9.0
11.1
A
ISWxxLIM_TP
Current limit in triple phase operation
SWxILIM = 11 (master)
10.8
13.5
16.35
A
ISWxxLIM_QP
Current limit in quad phase operation
SW1ILIM = 00 (master)
7.2
8.4
10
A
ISWxxLIM_QP
Current limit in quad phase operation
SW1ILIM = 01 (master)
8.0
10.4
12.4
A
ISWxxLIM_QP
Current limit in quad phase operation
SW1ILIM = 10 (master)
9.6
12.0
14.8
A
ISWxxLIM_QP
Current limit in quad phase operation
SW1ILIM = 11 (master)
14.4
18.0
21.8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com