Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 1 Page - NXP Semiconductors

  MPF7100BVBA3ES Datasheet HTML 1Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 2Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 3Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 4Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 5Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
PF7100
7-channel power management integrated circuit for high
performance applications
Rev. 4 — 9 March 2021
Product data sheet
1 Overview
The PF7100 is a power management integrated circuit (PMIC) designed for high
performance i.MX 8 processors. It features five high efficiency buck converters and two
linear regulators for powering the processor, memory, and miscellaneous peripherals.
Built-in one-time programmable memory stores key startup configurations, drastically
reducing external components typically used to set output voltage and sequence of
external regulators. Regulator parameters are adjustable through high-speed I2C after
startup offering flexibility for different system states.
2 Features
• Five high efficiency buck converters
• Two linear regulators with load switch options
• Watchdog timer/monitor
• Monitoring circuit to fit ASIL B safety level
• One-time programmable device configuration
• 3.4 MHz I2C communication interface
• 48-pin 7×7 mm QFN package
3 Simplified application diagram
aaa-034294
VIN:
2.7 V to 5.5 V
PF7100
i.MX8xXL
VSNVS1
(3.0 V @ 10 mA)
VDD_SNVS_3P0
VDD_MAIN
BUCK1
(1.0 V @ 2.5 A)
BUCK2
(1.0 V/1.1 V @ 2.5 A)
VDD_DDR_VDDQ
BUCK4
(1.1 V/1.35 V @ 2.5 A)
VDD_1P8
BUCK5
(1.8 V @ 2.5 A)
VDD_ANA_1P8
LDO1
(1.8 V @ 0.4 A)
VDD_SD
DDR memory
to peripherals
LDO2
(3.3 V @ 0.4 A)
BUCK3 (VTT)
(0.4 V - 1.8 V @ 2.5 A)
to peripherals
VSNVS2
(1.8 V @ 10 mA)
VDD_MEMC
Figure 1. Simplified application diagram


Similar Part No. - MPF7100BVBA3ES

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MPF CRYDOM-MPF Datasheet
517Kb / 4P
PCB Mount
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
AC Motor Run Capacitors
logo
List of Unclassifed Man...
MPF ETC1-MPF Datasheet
136Kb / 2P
Metallized Polypropylene Film Capacitor
logo
Adam Technologies, Inc.
MPF-A-XX-H-T ADAM-TECH-MPF-A-XX-H-T Datasheet
80Kb / 1P
MICRO MATCH SOCKET
MPF-A-XX-SMT-T ADAM-TECH-MPF-A-XX-SMT-T Datasheet
82Kb / 1P
MICRO MATCH SOCKET
More results

Similar Description - MPF7100BVBA3ES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
Power Management Integrated Circuit for GSM and GPRS Applications
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
High Performance Power Management Unit for Handset Applications
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
High Performance Power Management Unit for Handset Applications
logo
NXP Semiconductors
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
PF8100 NXP-PF8100 Datasheet
1Mb / 131P
12-channel power management integrated circuit for high performance applications
Rev. 9.0-19 November 2019
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF8101 NXP-PF8101 Datasheet
1Mb / 126P
9-channel power management integrated circuit for high performance applications
PF8121 NXP-PF8121 Datasheet
1Mb / 118P
12-channel power management integrated circuit for high performance applications
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
Power Management Integrated Circuit
16.Mar.2020 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com