Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 93Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 94Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 95Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 96Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 97Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 98Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 99Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 100Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
97 / 125
AD
DR
Register Name
R/W
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
5D
SW3 CONFIG1
R/W
SW3_UV_
BYPASS
SW3_OV_BYPASS
SW3_ILIM_BYPASS SW3_UV_STATE
SW3_OV_STATE
SW3_ILIM_STATE
SW3_WDBYPASS
SW3_PG_EN
5E
SW3 CONFIG2
R/W
SW3_FLT_REN
SW3DVS_RAMP[1:0]
SW3ILIM[1:0]
SW3PHASE[2:0]
5F
SW3 PWRUP
R/W
SW3_SEQ[7:0]
60
SW3 MODE1
R/W
—
SW3_VTTEN
SW3_PDGRP[1:0]
SW3_STBY_MODE[1:0]
SW3_RUN_MODE[1:0]
61
SW3 RUN VOLT
R/W
VSW3_RUN[7:0]
62
SW3 STBY VOLT
R/W
VSW3_STBY[7:0]
65
SW4 CONFIG1
R/W
SW4_UV_
BYPASS
SW4_OV_BYPASS
SW4_ILIM_BYPASS SW4_UV_STATE
SW4_OV_STATE
SW4_ILIM_STATE
SW4_WDBYPASS
SW4_PG_EN
66
SW4 CONFIG2
R/W
SW4_FLT_REN
SW4DVS_RAMP[1:0]
SW4ILIM[1:0]
SW4PHASE[2:0]
67
SW4 PWRUP
R/W
SW4_SEQ[7:0]
68
SW4 MODE1
R/W
—
—
SW4_PDGRP[1:0]
SW4_STBY_MODE[1:0]
SW4_RUN_MODE[1:0]
69
SW4 RUN VOLT
R/W
VSW4_RUN[7:0]
6A
SW4 STBY VOLT
R/W
VSW4_STBY[7:0]
7D
SW5CONFIG1
R/W
SW5_UV_
BYPASS
SW5_OV_BYPASS
SW5_ILIM_BYPASS SW5_UV_STATE
SW5_OV_STATE
SW5_ILIM_STATE
SW5_WDBYPASS
SW5_PG_EN
7E
SW5 CONFIG2
R/W
SW5_FLT_REN —
—
SW5ILIM[1:0]
SW5PHASE[2:0]
7F
SW5 PWRUP
R/W
SW5_SEQ[7:0]
80
SW5 MODE1
R/W
—
—
SW5_PDGRP[1:0]
SW5_STBY_MODE[1:0]
SW5_RUN_MODE[1:0]
81
SW5 RUN VOLT
R/W
—
—
—
VSW5_RUN[4:0]
85
LDO1 CONFIG1
R/W
LDO1_UV_
BYPASS
LDO1_OV_BYPASS LDO1_ILIM_
BYPASS
LDO1_UV_STATE
LDO1_OV_STATE
LDO1_ILIM_STATE
LDO1_WDBYPASS
LDO1_PG_EN
86
LDO1 CONFIG2
R/W
LDO1_FLT_
REN
LDO1_PDGRP[1:0]
—
—
—
LDO1_RUN_EN
LDO1_STBY_EN
87
LDO1 PWRUP
R/W
LDO1_SEQ[7:0]
88
LDO1 RUN VOLT
R/W
—
—
—
—
VLDO1_RUN[3:0]
89
LDO1 STBY
VOLT
R/W
—
—
—
—
VLDO1_STBY[3:0]
8B
LDO2 CONFIG1
R/W
LDO2_UV_
BYPASS
LDO2_OV_BYPASS LDO2_ILIM_
BYPASS
LDO2_UV_STATE
LDO2_OV_STATE
LDO2_ILIM_STATE
LDO2_WDBYPASS
LDO2_PG_EN
8C
LDO2 CONFIG2
R/W
LDO2_FLT_
REN
LDO2_PDGRP[1:0]
LDO2HW_EN
VSELECT_EN
—
LDO2_RUN_EN
LDO2_STBY_EN
8D
LDO2 PWRUP
R/W
LDO2_SEQ[7:0]
8E
LDO2 RUN VOLT
R/W
—
—
—
—
VLDO2_RUN[3:0]
8F
LDO2 STBY
VOLT
R/W
—
—
—
—
VLDO2_STBY[3:0]
9D
VSNVS CONFIG1 R/W
—
—
—
—
VSNVS2VOLT [1:0]
VSNVS1VOLT [1:0]
9F
PAGE SELECT
R/TW
—
—
—
—
—
PAGE[2:0]
16.2 PF7100 ASIL B OTP mirror register map (page 1)
Reset types
OFF_OTP
Register loads the OTP mirror register values during power up
OTP
Register available in OTP bank only, reset from fuses when VIN crosses UVDET threshold
VSNVS
Reset when BOS has no valid input. VIN < UVDET
ADDR Register name
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
A0
OTP FSOB
SELECT
—
—
—
OTP_FSOB_
ASS_EN
OTP_FSOB_
SOFTFAULT
OTP_FSOB_
WDI
OTP_FSOB_
WDC
OTP_FSOB_
HARDFAULT
A1
OTP I2C
—
—
—
OTP_I2C_
SECURE_EN
OTP_I2C_
CRC_EN
OTP_I2C_ADD[2:0]
A2
OTP CTRL1
—
—
OTP_EWARN_TIME[1:0]
OTP_FS_BYPASS
OTP_STANDBYINV
OTP_PG_ACTIVE
OTP_PG_CHECK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com