Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 3Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 4Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 5Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 6Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 7Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 8Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 9Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 10Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
7 / 125
9 ESD ratings
Table 5. ESD ratings
All ESD specifications are compliant with AEC-Q100 specification.
Symbol
Parameter
Min
Typ
Max
Unit
VESD
Human Body Model
[1] —
—
2000
V
VESD
Charge Device Model
QFN package - all pins
[1] —
—
500
V
ILATCHUP
Latch-up current
—
—
100
mA
[1]
ESD testing is performed in accordance with the human body model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the charge device model (CDM),
robotic (CZAP = 4.0 pF)
10 Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TA
Ambient operating temperature
AEC-Q100 grade 1
−40
—
125
°C
TA
Ambient operating temperature
AEC-Q100 grade 2
−40
—
105
°C
TJ
Junction temperature
−40
—
150
°C
TST
Storage temperature range
−55
—
150
°C
TPPRT
Peak package reflow temperature
—
—
260
°C
Table 7. HVQFN48 thermal resistance and package dissipation ratings
Symbol
Parameter
Min
Max
Unit
RθJA
Junction to ambient thermal resistance
Four layer board (2s2p)
[1] [2] [3] —
35
°C/W
RθJA
Junction to ambient thermal resistance
Eight layer board (2s6p)
[1] [2] [4] —
22
°C/W
ΨJT
Junction-to-top of package thermal resistance
Four layer board(2s2p)
[1] [2] [3] —
1.0
°C/W
ΨJT
Junction-to-top of package thermal resistance
Eight layer board(2s6p)
[1] [2] [4] —
1.0
°C/W
[1]
Determined in accordance to JEDEC JESD51-2A natural convection environment and uniform power.
[2]
Thermal resistance data in this report is solely for a thermal performance comparison of one package to another in a standardized specified environment.It
is not meant to predict the performance of a package in an application-specific environment.
[3]
Thermal test board meets JEDEC specification for this package (JESD51-9, 2s2p).
[4]
2s6p PCB is with customized board layers (top and bottom metal layers are at 7 μm thickness, internal metal layers are at 35 µm thickness).
11 Operating conditions
Table 8. Operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Main input supply voltage
UVDET
—
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com