Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 55Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 56Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 57Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 58Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 59Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 60Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 61Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 62Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
59 / 125
The OTP_SWxDVS_RAMP bit sets the default step/time ratio for the power up ramp
during the power up/down sequence as well as the DVS slope during the system-on.
The power down ramp and DVS rate during the system on of SW1 to SW4 can be
modified during the system-on states by changing the SWxDVS_RAMP bit on the I2C
register map.
The DVS ramp rate is based on the internal clock configuration as shown in the following
table:
Table 42. SW1 to SW4 ramp rates
All ramp rates are typical values. Clock frequency tolerance = ± 5 %.
CLK_
FREQ[3:0]
Clock
frequency
(MHz)
Regulators
frequency
(MHz)
SWxDVS_RAMP =
00
DVS_Up (mV/µs) /
DVS_Down (mV/
µs)
SWxDVS_RAMP =
01
DVS_Up (mV/µs) /
DVS_Down (mV/
µs)
SWxDVS_RAMP =
10
DVS_Up (mV/µs) /
DVS_Down (mV/
µs)
SWxDVS_RAMP =
11
DVS_Up (mV/µs) /
DVS_Down (mV/
µs)
0000
20
2.500
7.81 / 5.21
15.63 / 10.42
3.91 / 2.60
1.95 / 1.30
0001
21
2.625
8.20 / 5.47
16.41 / 10.94
4.10 / 2.73
2.05 / 1.37
0010
22
2.750
8.59 / 5.73
17.19 / 11.46
4.30 / 2.86
2.15 / 1.43
0011
23
2.875
8.98 / 5.99
17.97 / 11.98
4.49 / 2.99
2.25 / 1.50
0100
24
3.000
9.38 / 6.25
18.75 / 12.50
4.69 / 3.13
2.34 / 1.56
1001
16
2.000
6.25 / 4.17
12.50 / 8.33
3.13 / 2.08
1.56 / 1.04
1010
17
2.125
6.64 / 4.43
13.28 / 8.85
3.32 / 2.21
1.66 / 1.11
1011
18
2.250
7.03 / 4.69
14.06 / 9.38
3.52 / 2.34
1.76 / 1.17
1100
19
2.375
7.42 / 4.95
14.84 / 9.90
3.71 / 2.47
1.86 / 1.24
Buck regulators SW1 to SW4 use 8 bits to set the output voltage.
• The VSWx_RUN[7:0] set the output voltage during the run mode.
• The VSWx_STBY[7:0] set the output voltage during the standby mode.
The default output voltage configuration for the run and the standby modes is loaded
from the OTP_VSWx[7:0] registers upon power up.
Table 43. SW1 to SW4 output voltage configuration
Set point
VSWx_RUN[7:0]
VSWx_STBY[7:0]
VSWxFB (V)
0
00000000
0.40000
1
00000001
0.40625
2
00000010
0.41250
3
00000011
0.41875
.
.
.
.
.
.
175
10101111
1.49375
176
10110000
1.50000
177
10110001
1.80000
178 to 255
10110010 to 11111111
Reserved
DVS operation is available for all voltage settings between 0.4 V to 1.5 V. However,
the SWx regulator is not intended to perform DVS transitions to or from the 1.8 V
configuration. In the event a voltage change is requested between any of the low voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com