Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 64Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 65Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 66Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 67Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 68Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 69Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 70Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 71Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
68 / 125
aaa-034301
I2C
INTERFACE
2 to 3 MHz
clock
duty cycle
generator
slope
compensation
ISENSE
DAC
R2
R1
EA
SW5FB
TYPE II INTERNAL
COMPENSATION
VSW5
SW5LX
SW5IN
SW5
VIN
CINSW5
COSW5
LSW5
SW5PHASE
SW5ILIM
SW5MODE
CONTROLLER
DRIVER
Z2
+
+
Figure 29. Type 2 buck regulator block diagram
Buck regulator SW5 uses 5 bits to set the output voltage. The VSW5[4:0] sets the output
voltage during the run and the standby mode.
The SW5 is designed to have a fixed voltage thought all the system operation. In the
event a system requires this regulator to change its output voltage during the system-
on states, when the SW5 is commanded to change its voltage via the I2C command, the
output is discharged first and then enabled back to the new voltage level as stated in the
VSW5[4:0] bits.
The default output voltage configuration for the run and the standby modes is loaded
from the OTP_VSW5[4:0] registers upon power up.
Table 52. SW5 output voltage configuration
Set point
VSW5[4:0]
VSW5FB (V)
0
0 0000
1.00
1
0 0001
1.10
2
0 0010
1.20
3
0 0011
1.25
4
0 0100
1.30
5
0 0101
1.35
6
0 0110
1.50
7
0 0111
1.60
8
0 1000
1.80
9
0 1001
1.85
10
0 1010
2.00
11
0 1011
2.10
12
0 1100
2.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com