Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 98 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 94Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 95Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 96Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 97Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 98Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 99Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 100Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 101Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
98 / 125
ADDR Register name
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
A3
OTP CTRL2
OTP_FSS_EN
OTP_FSS_RANGE
—
OTP_XFAILB_EN
OTP_VIN_
OVLO_SDWN
OTP_VIN_
OVLO_EN
OTP_VIN_OVLO_DBNC[1:0]
A4
OTP CTRL3
OTP_VTT_PDOWN
OTP_SW3_VTTEN
—
—
OTP_SW4ONFIG[1:0]
OTP_SW1CONFIG[1:0]
A5
OTP FREQ
CTRL
OTP_SW_MODE
OTP_SYNCIN_
EN
OTP_SYNCOUT_
EN
OTP_FSYNC_
RANGE
OTP_CLK_FREQ[3:0]
A6
OTP SW RAMP
OTP_SW4DVS_RAMP[1:0]
OTP_SW3DVS_RAMP[1:0]
OTP_SW2DVS_RAMP[1:0]
OTP_SW1DVS_RAMP[1:0]
A7
OTP PWRON
—
—
OTP_PWRON_
MODE
OTP_PWRON_DBNC[1:0]
OTP_PWRON_RST_
EN
OTP_TRESET[1:0]
A8
OTP WD
CONFIG
—
—
OTP_WDI_
MODE
OTP_WDI_INV
OTP_WD_EN
OTP_WD_
STBY_EN
OTP_WDI_
STBY_ACTIVE
OTP_
WDWINDOW
A9
OTP WD
EXPIRE
—
—
—
—
—
OTP_WD_MAX_EXPIRE[2:0]
AA
OTP WD
COUNTER
OTP_WD_DURATION[3:0]
OTP_WD_MAX_CNT [3:0]
AB
OTP FAULT
COUNTERS
OTP_FS_MAX_CNT[3:0]
OTP_FAULT_MAX_CNT[3:0]
AC
OTP FAULT
TIMERS
—
OTP_FS_OK_TIMER[2:0]
OTP_TIMER_FAULT[3:0]
AD
OTP PWRDN
DLY1
OTP_GRP4_DLY[1:0]
OTP_GRP3_DLY[1:0]
OTP_GRP2_DLY[1:0]
OTP_GRP1_DLY[1:0]
AE
OTP PWRDN
DLY2
OTP_PD_SEQ_DLY[1:0]
—
—
—
—
OTP_RESETBMCU_DLY[1:0]
AF
OTP PWRUP
CTRL
—
OTP_PWRDWN_
MODE
OTP_PGOOD_PDGRP[1:0]
OTP_RESETBMCU_PDGRP[1:0]
OTP_SEQ_TBASE[1:0]
B0
OTP
RESETBMCU
PWRUP
OTP_RESETBMCU_SEQ[7:0]
B1
OTP PGOOD
PWRUP
OTP_PGOOD_SEQ[7:0]
B2
OTP SW1 VOLT
OTP_VSW1[7:0]
B3
OTP SW1
PWRUP
OTP_SW1_SEQ[7:0]
B4
OTP SW1
CONFIG1
OTP_SW1UV_TH[1:0]
OTP_SW1OV_TH[1:0]
OTP_SW1_PDGRP[1:0]
OTP_SW1ILIM[1:0]
B5
OTP SW1
CONFIG2
OTP_SW1_LSELECT[1:0]
OTP_SW1PHASE[2:0]
—
OTP_SW1_PG_
EN
OTP_SW1_
WDBYPASS
B6
OTP SW2 VOLT
OTP_VSW2[7:0]
B7
OTP SW2
PWRUP
OTP_SW2_SEQ[7:0]
B8
OTP SW2
CONFIG1
OTP_SW2UV_TH[1:0]
OTP_SW2OV_TH[1:0]
OTP_SW2_PDGRP[1:0]
OTP_SW2ILIM[1:0]
B9
OTP SW2
CONFIG2
OTP_SW2_LSELECT[1:0]
OTP_SW2PHASE[2:0]
—
OTP_SW2_PG_
EN
OTP_SW2_
WDBYPASS
BA
OTP SW3_
VOLT
OTP_VSW3[7:0]
BB
OTP SW3
PWRUP
OTP_SW3_SEQ[7:0]
BC
OTP SW3
CONFIG1
OTP_SW3UV_TH[1:0]
OTP_SW3OV_TH[1:0]
OTP_SW3_PDGRP[1:0]
OTP_SW3ILIM[1:0]
BD
OTP SW3
CONFIG2
OTP_SW3_LSELECT[1:0]
OTP_SW3PHASE[2:0]
—
OTP_SW3_PG_
EN
OTP_SW3_
WDBYPASS
BE
OTP SW4 VOLT
OTP_VSW4[7:0]
BF
OTP SW4
PWRUP
OTP_SW4_SEQ[7:0]
C0
OTP SW4
CONFIG1
OTP_SW4UV_TH[1:0]
OTP_SW4OV_TH[1:0]
OTP_SW4_PDGRP[1:0]
OTP_SW4ILIM[1:0]
C1
OTP SW4
CONFIG2
OTP_SW4_LSELECT[1:0]
OTP_SW4PHASE[2:0]
—
OTP_SW4_PG_
EN
OTP_SW4_
WDBYPASS
CA
OTP SW5 VOLT —
—
—
OTP_VSW5[4:0]
CB
OTP SW5
PWRUP
OTP_SW5_SEQ[7:0]
CC
OTP SW5
CONFIG1
OTP_SW5UV_TH[1:0]
OTP_SW5OV_TH[1:0]
OTP_SW5_PDGRP[1:0]
OTP_SW5ILIM[1:0]
CD
OTP SW5
CONFIG2
OTP_SW5_LSELECT[1:0]
OTP_SW5PHASE[2:0]
—
OTP_SW5_PG_
EN
OTP_SW5_
WDBYPASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com