Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 52Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 53Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 54Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 55Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 56Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 57Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 58Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 59Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
56 / 125
No external DC loading is allowed on V1P5A and V1P5D. V1P5D is kept powered
as long as there is a valid supply and it may be used as a reference voltage for the
VDDOTP and TBBEN pins during system power on.
A second band gap is provided as the reference for all the monitoring circuits. This
architecture allows the PF7100 to provide a reliable way to detect not only single point,
but also latent faults, in order to meet the metrics required by an ASIL B level application.
Table 37. Internal supplies electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
V1P5D
V1P5D output voltage
1.50
1.60
1.65
V
C1P5D
V1P5D output capacitor
—
1.0
—
µF
V1P5A
V1P5A output voltage
1.50
1.60
1.65
V
C1P5A
V1P5A output capacitor
—
1.0
—
µF
15.2 VSNVS LDOs
VSNVS1 and VSNVS2 are 10 mA LDOs provided to power the RTC domain in the
processor. In systems using the i.MX8 processors, they power the VDD_SNVS_IN
domain of the MCU.
VSNVS1 and VSNVS2 remain disabled until VIN > UVDET as well as the VSNVS1 and
VSNVS2 get loaded with the OTP fuse configuration.
When VIN is applied, VSNVS1 and VSNVS2 are initially disabled and they are only
enabled to theirs regulation point after OTP fuses are loaded.
• When VIN is rising and VIN > UVDET, VSNVS1 and VSNVS2 are powered by VIN.
If the configured output voltage is higher than the input source, VSNVS1 operates in
dropout mode to track the input voltage.
The following table shows the expected operation of the VSNVS1 block for different
voltage settings and different input voltage conditions. VSNVS2 block always works at
regulation mode.
Table 38. VSNVS1 operation description
OTP_VSNVS1VOLT[1:0]
VSNVS1 output voltage (V)
VIN
Expected VSNVS output
00
Disabled
Do not care
VSNVS1 is disabled on OTP
01
1.8
> UVDET rising
Regulate to 1.8 V from VIN
10
3.0
> UVDET rising
Regulate to 3.0 V from VIN or
track VIN in dropout mode
11
3.3
> UVDET rising
Regulate to 3.3 V from VIN or
track VIN in dropout mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com