Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 36Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 37Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 38Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 39Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 40Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 41Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 42Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 43Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
40 / 125
• When the mask bit is 0, INTB pin is pulled low as long as the corresponding latch bit is
set.
• The sense bit XXXX_S: if available, the sense bit provides the actual status of the
signal triggering the interrupt.
The INTB pin is a reflection of an “OR” logic of all the interrupt status bits which control
the pin.
Interrupts are stored in two levels on the interrupts registers. At first level, the SYS_INT
register provides information about the Interrupt register that originated the interrupt
event.
The corresponding SYS_INT bits are set as long as the INTB pin is programmed to
assert with any of the interrupt bits of the respective interrupt registers.
• STATUS1_I: this bit is set when the interrupt is generated within the INT STATUS1
register
• STATUS2_I: this bit is set when the interrupt is generated within the INT STATUS2
register
• MODE_I: this bit is set when the interrupt is generated within the SW MODE INT
register
• ILIM_I: this bit is set when the interrupt is generated within any of the SW ILIM INT or
LDO ILIM INT registers
• UV_I: this bit is set when the interrupt is generated within any of the SW UV INT or
LDO UV INT registers
• OV_I: this bit is set when the interrupt is generated within any of the SW OV INT or
LDO OV INT registers
• PWRON_I: this bit is set when the interrupt is generated within the PWRON INT
register.
• EWARN_I: is set when an early warning event occurs to indicate an imminent
shutdown.
The SYS_INT bits are set when the INTB pin is asserted by any of the second level
interrupt bits that have not been masked in their corresponding mask registers. When
the second level interrupt bit is cleared, the corresponding first level interrupt bit on the
SYS_INT register is cleared automatically.
The INTB pin remains asserted if any of the first level interrupts bit is set, and is de-
asserted only when all the unmasked second level interrupts are cleared and thus all the
first level interrupts are cleared as well.
At second level, the remaining registers provide the exact source for the interrupt event.
Table 27 shows a summary of the interrupt latch, mask, and sense pins available on the
PF7100.
Table 27. Interrupt registers
Register name
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
INT STATUS1
SDWN_I
FREQ_RDY_I
CRC_I
PWRUP_I
PWRDN_I
XINTB_I
FSOB_I
VIN_OVLO_I
INT MASK1
SDWN_M
FREQ_RDY_M
CRC_M
PWRUP_M
PWRDN_M
XINTB_M
FSOB_M
VIN_OVLO_M
INT SENSE1
—
—
—
—
—
XINTB_S
FSOB_S
VIN_OVLO_S
THERM INT
WDI_I
FSYNC_FLT_I
THERM_155_I
THERM_140_I
THERM_125_I
THERM_110_I
THERM_95_I
THERM_80_I
THERM MASK
WDI_M
FSYNC_FLT_M
THERM_155_M
THERM_140_M
THERM_125_M
THERM_110_M
THERM_95_M
THERM_80_M
THERM SENSE
WDI_S
FSYNC_FLT_S
THERM_155_S
THERM_140_S
THERM_125_S
THERM_110_S
THERM_95_S
THERM_80_S
SW MODE INT
—
SW5_MODE_I
—
—
SW4_MODE_I
SW3_MODE_I
SW2_MODE_I
SW1_MODE_I
SW MODE MASK
—
SW5_MODE_M
—
—
SW4_MODE_M
SW3_MODE_M
SW2_MODE_M
SW1_MODE_M
SW ILIM INT
—
SW5_ILIM_I
—
—
SW4_ILIM_I
SW3_ILIM_I
SW2_ILIM_I
SW1_ILIM_I
SW ILIM MASK
—
SW5_ILIM_M
—
—
SW4_ILIM_M
SW3_ILIM_M
SW2_ILIM_M
SW1_ILIM_M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com