Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 68Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 69Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 70Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 71Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 72Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 73Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 74Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 75Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
72 / 125
Symbol
Parameter
Min
Typ
Max
Unit
ΔVSW5
Output ripple
Output cap ESR ~ 10 mΩ, 2 × 22 µF
−1.0
—
1.0
%
VSW5LOTR
Transient load regulation (overshoot/undershoot)
Transient load = 200 mA to 1.0 A step
di/dt = 2.0 A/ms
Cout = 44 µF
VSW5FB = 1.8 V
−50
—
50
mV
IRCS
DCM (skip mode) reverse current sense threshold
—
10
—
mA
ISW5Q
Quiescent current
PFM mode
—
18
—
µA
ISW5Q
Quiescent current
Auto skip mode
—
150
250
µA
RONSW5HS
SW5 high-side P-MOSFET RDS(on)
—
—
135 [3]
mΩ
RONSW5LS
SW5 low-side N-MOSFET RDS(on)
—
—
80 [3]
mΩ
RSW5DIS
SW5 discharge resistance (normal operation)
—
70
120
Ω
RSW5TBB
SW5 discharge resistance during TBB mode
TBBEN = 1 and QPU_OFF state
1.0
2.0
3.0
KΩ
[1]
VSW5IN must be connected to VIN to ensure proper device operation.
[2]
The Type 2 buck regulator is capable of providing output current above the nominal max current specification as long as it does not reach the current
limitation. However, if operating above the nominal maximum current, overall thermal considerations must be taken to prevent reaching PMIC thermal
shutdown during high ambient temperature conditions.
[3]
Max RDS(on) does not include bond wire resistance. Consider ± 50 % tolerance to account for bond wire and pin loss.
Table 58. Recommended external components
Symbol
Parameter
Min
Typ
Max
Unit
L
Output inductor
Maximum inductor DC resistance 50 mΩ [1]
Minimum saturation current at full load: 3.0 A
0.47
1.0
1.5
µH
Cout
Output capacitor
Use 2 x 22 μF, 6.3 V X7T ceramic capacitor to
reduce output capacitance ESR.
—
44
—
µF
Cin
Input capacitor
4.7 μF, 10 V X7R ceramic capacitor
—
4.7
—
µF
[1]
Keep inductor DCR as low as possible to improve regulator efficiency.
15.5 Linear regulators
The PF7100 has two low drop-out (LDO) regulators with the following features:
• 400 mA current capability
• Input voltage range from 2.5 V to 5.5 V
• Programmable output voltage between 0.8 V and 5.0 V
• Soft-start ramp control during power up (enable)
• Discharge mechanism during power down (disable)
• OTP programmable load switch mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com