Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 42Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 43Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 44Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 45Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 46Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 47Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 48Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 49Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
46 / 125
• FAULT_CNT = FAULT_MAX_CNT
• Thermal shutdown tJ > TSD
• VIN_OVLO event when VIN_OVLO_SDWN = 1
Table 32. EWARN time configuration
OTP_EWARN_TIME[1:0]
EWARN delay time
00
100 μs
01
5 ms
10
20 ms
11
50 ms
When the EWARN pin is asserted, an interrupt is generated and the EWARN_I bit is set
to announce to the system of an imminent shutdown event.
In the OFF modes, EWARN remains de-asserted (pulled low).
In the event of a power loss (VIN removed), the EWARN pin is asserted upon crossing
the VWARNTH threshold to notify to the processor that VIN may be lost and allow some
time to prepare for the power loss.
Table 33. Early warning threshold
Symbol
Parameter
Min
Typ
Max
Unit
VWARNTH
Early warning threshold
2.7
2.8
2.9
V
14.9.8 PGOOD
PGOOD is an open-drain output programmable as a Power Good indicator pin or GPO.
In the application, PGOOD can be pulled up to VDDIO with a 100 kΩ resistor.
When OTP_PG_ACTIVE = 0, the PGOOD pin is used as a general-purpose output.
As a GPO, during the run state, the state of the pin is controlled by the RUN_PG_GPO
bit in the functional I2C registers:
• When RUN_PG_GPO = 1, the PGOOD pin is high
• When RUN_PG_GPO = 0, the PGOOD pin is low
During the standby state, the state of the pin is controlled by the STBY_PG_GPO bit in
the functional I2C registers:
• When STBY_PG_GPO = 1, the PGOOD pin is high
• When STBY_PG_GPO = 0, the PGOOD pin is low
When used as a GPO, the PGOOD pin can be enabled high as part of the
power up sequence as programmed by the OTP_SEQ_TBASE[1:0] and the
OTP_PGOOD_SEQ[7:0] bits. If enabled as part of the power up sequence, both the
RUN_PG_GPO and STBY_PG_GPO bits are loaded with 1, otherwise they are loaded
with 0 upon power up.
When OTP_PG_ACTIVE = 1, the PGOOD pin is in Power good (PG) mode and it acts as
a PGOOD indicator for the selected output voltages in the PF7100.
There is an individual PG monitor for every regulator. Each monitor provides an internal
PG signal that can be selected to control the status of the PGOOD pin upon an OV or UV
condition when the corresponding SWxPG_EN / LDOxPG_EN bits are set. The status
of the PGOOD pin is a logic AND function of the internal PG signals of the selected
monitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com