Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF7100BVBA3ES Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPF7100BVBA3ES
Description  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA3ES Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPF7100BVBA3ES Datasheet HTML 75Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 76Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 77Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 78Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 79Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 80Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 81Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 82Page - NXP Semiconductors MPF7100BVBA3ES Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
79 / 125
15.6.2 Electrical characteristics
Table 66. VMON electrical characteristics
All parameters are specified at TA = −40 °C to 125 °C for AEC-Q100 grade 1 device, all parameters are specified at TA =
−40 °C to 105 °C for AEC-Q100 grade 2 device, unless otherwise noted. Typical values are characterized at VIN = 5.0 V,
VxFB = 1.5 V (Type 1 buck regulator), 3.3 V (Type 2 buck regulator, LDO regulator), and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
IQON
Block quiescent current, when block is enabled
One block per regulator
—
10
13
µA
IOFF
Block leakage current when disabled
—
—
500
nA
tON_MON
Voltage monitor settling time after enabled
—
—
30
µs
VxFBUVHysteresis
Power good (UV) hysteresis
Voltage difference between UV rising and falling
thresholds
—
0.5
—
%
VUV_Tol
Undervoltage falling threshold accuracy
With respect to target feedback voltage tolerance
For type 2 switching regulator and LDO regulator
For type 1 switching regulator when VSWxFB > 0.75 V
−2
—
2
%
VUV_Tol
Under voltage falling threshold accuracy
With respect to target feedback voltage
For type 1 switching regulator when VSWxFB ≤ 0.75 V
−3
—
3
%
Power good (UV) debounce time UV_DB = 00
2.5
5.0
7.5
Power good (UV) debounce time UV_DB= 01
10
15
20
Power good (UV) debounce time UV_DB= 10
20
30
40
tUV_DB
Power good (UV) debounce time UV_DB = 11
25
40
55
µs
VOV_Tol
Overvoltage rising threshold accuracy
With respect to target feedback voltage tolerance
For type 2 switching regulator and LDO regulators
For type 1 switching regulator when VSWxFB > 0.75 V
−2
—
2
%
VOV_Tol
Overvoltage rising threshold
With respect to target feedback voltage tolerance
For type 1 switching regulator when VSWxFB ≤ 0.75 V
−3
—
3
%
VxFBOVHysteresis
Overvoltage (OV) hysteresis
Voltage difference between OV rising and falling
thresholds
0.5
—
1.0
%
Overvoltage (OV) debounce time OV_DB = 00
20
30
40
Overvoltage (OV) debounce time OV_DB = 01
35
50
65
Overvoltage (OV) debounce time OV_DB = 10
55
80
105
tOV_DB
Overvoltage (OV) debounce time OV_DB = 11
90
125
160
µs
15.7 Clock management
The clock management provides a top-level management control scheme of internal
clock and external synchronization intended to be primarily used for the switching
regulators. The clock management incorporates various subblocks:
• Low power 100 kHz clock
• Internal high frequency clock with programmable frequency
• Phase-Locked Loop (PLL)
A digital clock management interface is in charge of supporting interaction among these
blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com