Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 10Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 11Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 15Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 16Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 17Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
Polyimide spacer
10 μm ± 2 μm
Au pads
Pad material
> 99.9 % pure Au
Pad hardness
35 – 80 HV 0.005
Pad shear strength
> 70 MPa
Pad height
3 μm
Pad height uniformity
– within a die
max. 2 μm
– within a wafer
max. 4 μm
Pad flatness
max. 3 μm
Pad size
– RF1, RF2 (max. details see wafer layout)
151.5 μm × 278 μm
– TP1, TP2 (max. details see wafer layout)
134.2 μm × 100 μm
Pad size variation
± 5 μm
Table 5. 12 inch specification with Large Pads, plasma dicing ...continued
8.1.3 Fail die identification
No ink dots are applied to the wafer.
Electronic wafer mapping (SECS II format) covers the electrical test results and
additionally the results of mechanical/visual inspection.
See "Data sheet - Delivery type description – General specification for 8" wafer on UV-
tape with electronic fail die marking, BU-S&C document number: 1093**"
See "Data sheet - Delivery type description – General specification for 12" wafer on UV-
tape with electronic fail die marking, BU-S&C document number: 1862**"
8.1.4 Map file distribution
See "Data sheet - Delivery type description – General specification for 8" wafer on UV-
tape with electronic fail die marking, BU-S&C document number: 1093**"
See "Data sheet - Delivery type description – General specification for 12" wafer on UV-
tape with electronic fail die marking, BU-S&C document number: 1862**"
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
14 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com