Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 23Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 24Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 25Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 26Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 27Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 28Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 29Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 30Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
9.6.11 Custom commands
The Untraceable function allows the UCODE 8/8m to hide the complete or parts of
the EPC, TID and/or user memory. In addition, the read range can be completely or
temporarily reduced. This command can only be executed from the secured state.
Memory parts which are set untraceable are acting as non-existing in the Open state.
EPC-field: Specifies the number of words of the EPC memory which the UCODE 8/8m
back scatters. A change of this field therefore also changes the L bit in the Protocol
Control (PC) word.
TID-field: Hide some ("01") hides the TID memory from address 20h (included) onwards.
Range-field: In case of activated range toggling, the read range reduction toggles from
the actual value to the second (e.g. when actual state is normal it toggles to reduced). In
case of power loss the chip reverts to its prior state.
UCODE 8/8m does not support the U bit and therefore ignores this value.
Command RFU U
EPC
TID
User
Range
RN
CRC
No. of bits 16
2
1
6
2
1
2
16
16
Description 1110 0010
0000 0000
00
do
not
care
MSB:"0": show
memory above
EPC
"1": hide memory
above
EPC
5 LSBs: new EPC
length
"00": hide none
"01": hide some
"10": hide all
"11": RFU
"0":
view
"1": hide
"00": normal
"01": toggle
"10":
reduced
"11": RFU
handle CRC-16
Table 12. Untraceable command
Starting State
Condition
Response
Next State
ready
all
-
ready
arbitrate, reply,
acknowledged
all
-
arbitrate
open
all
-
open
secured
executable
backscatter header when done secured
killed
all
-
killed
Table 13. Untraceable command-response table
In case of access to the memory that is set to untraceable, the error condition "memory
overrun" is returned.
For further details, refer to "EPC Global Gen2v2"
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
27 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com