Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 21Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 22Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 23Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 24Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 25Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 26Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 27Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
9.6.5 EPC+TID
9.6.5.1 Description
This feature enables the read out the EPC+TID memory content in a faster way
compared to a standard readout sequence.
A SELECT on the config word bit 203h (EPC+TID) will trigger the UCODE 8/8m to reply
with the EPC+TID after receiving the ACK command during the inventory round.
In case only the TID should be replied by this feature, the EPC length in the PC needs to
be set to "0".
9.6.6 Product Status Flag (PSF)
9.6.6.1 Description
The PSF bit can be used for easy EAS (Electronic Article Surveillance) implementations
or as general-purpose check flag.
In order to detect tags with activated PSF, a SELECT command on bit 20Fh (PSF Bit)
in the configuration word is required. In the following inventory round, only PSF enabled
chips reply their EPC number.
9.6.7 Backscatter strength reduction
The UCODE 8/8m features two levels of backscatter strengths. Per default, maximum
backscatter is enabled in order to enable maximum read rates. A deactivation of this
feature can be done by clearing bit 209h (max. backscatter strength) in the configuration
word, which reduces the backscatter strength if needed.
9.6.8 Pre-serialization of the 96-bit EPC
9.6.8.1 Description
UCODE 8/8m are delivered with a pre-serialized content of the 96-bit EPC, which is the
initial EPC length settings of UCODE 8/8m.
The EPC content is identical to the TID content except of the 16-bit XTID content which is
set to 16-bit 0's.
aaa-027142
Bits
7
0 11
Class Identifier
Mask-Designer Identifier
Model Number
XTID
11
15
0
47
0
0
0
Serial Number
TID
Bits
7
0 11
Class Identifier
Mask-Designer Identifier
Model Number
0000 0000 0000 0000
11
15
0
47
0
0
0
Serial Number
serialized EPC
Figure 7. Pre-serialization of 96-bit EPC
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
24 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com