Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 16Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 17Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 18Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 19Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 21Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 22Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 23Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
9.6 Supported features
The UCODE 8/8m is equipped with a number of additional features. They are
implemented in such a way that standard EPCglobal READ / WRITE / ACCESS /
SELECT commands can be used to operate these features.
The Configuration Word, as mentioned in the memory map, describes the additional
features at address 200h of the EPC memory.
Bit 14h of the TID indicates the existence of a Configuration Word. This flag enables the
selection of configuration word enhanced transponders in mixed tag populations.
9.6.1 UCODE 8/8m features control mechanism
The different features of the UCODE 8/8m can be activated / de-activated by addressing
or changing the content of the corresponding bit in the configuration word at address
200h in the EPC memory bank (see Table 10). The de-activation of the action bit features
will only happen after chip reset.
Indicator bit
Action bit
Indicator bit
Permanent bit
EPC
Check
EPC
Corr
EPC
NOK
EPC+TID
Brand
Identifier
Self Adjust
Cap 1
Self Adjust
Cap 0
Self Adjust
disable
0
1
2
3
4
5
6
7
Table 10. Configuration word UCODE 8/8m
Locked
memory
Permanent
bit
Locked memory
Indicator bit
Permanent bit
RFU
max.backsca
tter
strength
RFU
RFU
User Memory
Check
User Memory
Corr
User Memory
NOK
PSF bit
8
9
10
11
12
13
14
15
Table 11. Configuration word UCODE 8/8m ... continued
The configuration word contains 3 different type of bits:
• Action bits: meant to trigger a feature upon a SELECT command on the related bit:
EPC+TID
Brand Identifier
• Permanent bits: permanently stored bits in the memory
Self Adjust disable
Max. Backscatter Strength
PSF Alarm bit
• Indicator bits: cannot be changed by command
EPC Check/Corr/NOK
User Memory Check/Corr/NOK
Self Adjust Cap0/Cap1
The activation or the de-activation of the feature behind the permanent bits happens only
when attempting to write a "1" value to the related bit (value toggling) - writing "0" value
has no effect. If the feature is activated, the related bit will be read with a "1" value and, if
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
20 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com