Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 19Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 21Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 22Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 23Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 24Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 25Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 26Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
9.6.3 Self Adjust
9.6.3.1 Description
The UCODE 8/8m has an automatic mechanism implemented which adjusts the chip
sensitivity to a maximum in the operated environment. This adjustment will be performed
at startup and selects between three different input capacitance values. The feature is
enabled by default, but can also be deactivated by the config word bit 207h (Self Adjust
disable). In case of deactivation, the center capacitance is used.
The indicator bits 205h (Self Adjust Cap 1) and 206h (Self Adjust Cap 0) give information
which capacitor is active ("1"). The startup is performed with the lowest value which is
center capacitance minus Cap 0 (60 fF) and is then adjusted up to center capacitance
plus Cap 1 (100 fF).
9.6.4 Brand Identifier
9.6.4.1 Description
This new feature allows brand owners to implement a product originality check option
for their products. The customer dedicated unique 16-bit brand identifier is programmed
during manufacturing process by NXP and therefore unalterable stored in the memory.
A SELECT command on bit 204h (Brand identifier) in the configuration word triggers the
UCODE8/8m to respond in the inventory round with PC + EPC + Brand Identifier + CRC.
In order to prevent manipulation, the Brand Identifier is scrambled with the RN16 and
not sent in plain. The implemented scrambling is performed by bitwise XOR operation
of the 16-bit Brand Identifier and the RN16. At the reader, the Brand identifier can be
descrambled and the originality check completed.
The PC value is adjusted accordingly for UCODE 8/8m. A SELECT on the Brand
Identifier bit always gives a Tag matching.
The usage of this feature requires an update on the reader firmware with the Brand
Identifier check routine.
Default value of the UCODE 8/8m Brand Identifier is "AAAAh". Customer-specific Brand
Identifiers can be requested by a dedicated product ordering code. For details, contact
your NXP sales representative.
The Brand Identifier feature cannot be used in combination with the EPC+TID feature.
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
23 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com