Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 15Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 16Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 17Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 18Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 19Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
9.4 Supported commands
The UCODE 8/8m supports all
mandatory EPCglobal V2.0.1 commands including
• KILL command
• PERMALOCK or LOCK command
In addition the UCODE8/8m supports the following
optional commands:
• ACCESS
• Block Write (32 bit) on even addresses
• Untraceable
9.5 UCODE 8/8m memory
The UCODE 8/8m memory is implemented according to EPCglobal V2.0.1:
Name
Size
Bank
Reserved memory (32-bit Access and 32 bit Kill password)
64 bit
00b
EPC (excluding 16 bit CRC-16 and 16-bit PC)
128 bit
01b
UCODE 8 Configuration Word
16 bit
01b
TID (including permalocked unique 48-bit serial number)
96 bit
10b
Table 6. UCODE 8 memory sections
Name
Size
Bank
Reserved memory (32-bit Access and 32 bit Kill password)
64 bit
00b
EPC (excluding 16 bit CRC-16 and 16-bit PC)
96 bit
01b
UCODE 8 Configuration Word
16 bit
01b
TID (including permalocked unique 48-bit serial number)
96 bit
10b
User Memory
32 bit
11b
Table 7. UCODE 8m memory sections
The logical address of all memory banks begins at zero (00h).
In addition to the four memory banks, one configuration word to handle the UCODE 8/8m
specific features is available at EPC bank 01 address bit-200h. The configuration word is
described in detail in Section 9.6.1
The TID complies to the GS1 EPC Tag Data Standard. See "EPC Tag Data Standard,
Release 1.10"
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
16 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com