Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 29Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 30Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 31Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 32Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 33Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 34Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 35Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 36Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
15 Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
SL3S1205_15 v. 3.5
20210401
Product data sheet
-
SL3S1205_15 v. 3.4
Modifications:
• Table 1 "Ordering information": Ordering information with UCODE 8, 12 inch plasma dicing
updated
• Section 7 "Wafer layout": Titles in wafer layout with stealth dicing and conventional dicing
updated
• Figure 5 " UCODE 8/8m, 12" wafer layout, Large Pads, plasma dicing": inserted
• Table 5 "12 inch specification with Large Pads, plasma dicing ": inserted
• Delivery form of UCODE 8/8m, 12 inch FC Bumps (SL3S1205FUD2/KP and
SL3S1215FUD2/KP) discontinued
• Related information removed
SL3S1205_15 v. 3.4
20200131
Product data sheet
-
SL3S1205_15 v. 3.3
Modifications:
• Introduction of 12 inch FC Bumps
SL3S1205_15 v. 3.3
20191028
Product data sheet
-
SL3S1205_15 v. 3.2
Modifications:
• Section 8.1.2 "12 inch Wafer with Large Pads": number of PGDW changed into 258934
SL3S1205_15 v. 3.2
20181119
Product data sheet
-
SL3S1205_15 v. 3.1
Modifications:
• Introduction of 12 inch wafer delivery
• Figure 3 "UCODE 8/8m, 8" wafer layout, Large Pads, stealth dicing" updated
• Editorial changes in Table 8 "UCODE 8 overall memory map"
• Editorial changes in Table 9 "UCODE 8m overall memory map"
• Section 9.6.4 "Brand Identifier" updated
SL3S1205_15 v. 3.1
20170630
Product data sheet
-
SL3S1205_15 v. 3.0
Modifications:
• Wording: "Auto Adjust" replaced with "Self Adjust"
SL3S1205_15 v. 3.0
20170703
Product data sheet
-
398420
398420
20170531
Preliminary data sheet -
398410
398410
20160919
Objective data sheet
-
-
Table 18. Revision history
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
33 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com