Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 30Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 31Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 32Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 33Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 34Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 35Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 36Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 37Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 38Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
Figures
Fig. 1.
Block diagram of UCODE 8/8m IC ....................6
Fig. 2.
Pinning bare die, Large Pads ............................7
Fig. 3.
UCODE 8/8m, 8" wafer layout, Large Pads,
stealth dicing ..................................................... 8
Fig. 4.
UCODE 8/8m, 12" wafer layout, Large
Pads, conventional dicing ................................. 9
Fig. 5.
UCODE 8/8m, 12" wafer layout, Large
Pads, plasma dicing ........................................10
Fig. 6.
UCODE 8/8m TID memory structure ...............19
Fig. 7.
Pre-serialization of 96-bit EPC ........................ 24
Fig. 8.
Standard antenna design versus single-slit
antenna ............................................................25
Fig. 9.
Single-slit assembly .........................................25
Fig. 10.
Rotation tolerant pad design ........................... 26
Fig. 11.
Dual axis glue spacer ..................................... 26
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
37 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com