Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HAP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 15Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 16Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 17Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 18Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 19Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
9.5.1 UCODE 8/8m overall memory map
Bank
Address
Type
Content
Initial
Remark
00h to 1Fh
reserved
Kill password
all 00h
unlocked memory
Bank 00
20h to 3Fh
reserved
Access password
all 00h
unlocked memory
00h to 0Fh
EPC
CRC-16: refer to "EPC
Global Gen2v2"
memory mapped
calculated CRC
10h to 14h
EPC
EPC length
00110b
unlocked memory
15h
EPC
UMI
0b
hardwired to 0
16h
EPC
XPC indicator
0b
hardwired to 0
17h to 1Fh
EPC
numbering system indicator 00h
unlocked memory
Bank 01
EPC
20h to 9Fh
EPC
EPC
[1]
unlocked memory
200h
EPC
EPC check
0b
indicator bit
201h
EPC
EPC correction
0b
indicator bit
202h
EPC
EPC NOK
0b
indicator bit
203h
EPC
EPC+TID
0b
action bit[2]
204h
EPC
Brand Identifier
0b
action bit[2]
205h
EPC
Self Adjust Cap 1
0b
indicator bit
206h
EPC
Self Adjust Cap 0
0b
indicator bit
207h
EPC
Self Adjust disable
0b
permanent bit[3]
208h
EPC
RFU
0b
locked memory
209h
EPC
max. backscatter strength
1b
permanent bit[3]
20Ah
EPC
RFU
0b
locked memory
20Bh
EPC
RFU
0b
locked memory
20Ch
EPC
RFU
0b
locked memory
20Dh
EPC
RFU
0b
locked memory
20Eh
EPC
RFU
0b
locked memory
Bank 01
Config Word
20Fh
EPC
PSF flag
0b
permanent bit[3]
00h to 07h
TID
allocation class identifier
1110 0010b
locked memory
08h to 13h
TID
tag mask designer identifier 1000 0000 0110b
locked memory
14h
TID
config word indicator
1b[4]
locked memory
15h to 1Fh
TID
tag model number
TMNR[5]
locked memory
20h to 2Fh
TID
XTID header
2000h
locked memory
Bank 10
TID
30h to 5Fh
TID
serial number
SNR
locked memory
Table 8. UCODE 8 overall memory map
[1]
HEX E280 6894 0000 nnnn nnnn nnnn 0000 0000 where n are the nibbles of the SNR from the TID
[2]
Action bits: meant to trigger a feature upon a SELECT command on the related bit ref feature control mechanism, see Section 9.6.1
[3]
Permanent bit: permanently stored bits in the memory; Read/Writeable according to EPC bank lock status, see Section 9.6.1
[4]
Indicates the existence of a Configuration Word at the end of the EPC number
[5]
See Figure 6
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
17 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com