Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 38 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 38 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 34Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 35Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 36Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 37Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 38Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 39Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 40Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 41Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 42Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
38
4.2
Processor
The board supports one 45 W 4-core Core i7 Intel Sandy Bridge-Mobile rPGA 988B embedded
processor. The board also provides the option to support one 35 W 2-core Core i5 Celeron Intel
Sandy Bridge-Mobile PGA Embedded processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com