Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 42 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 42 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 38Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 39Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 40Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 41Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 42Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 43Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 44Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 45Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 46Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
42
The design implements a separate LVDS and Backlight Inverter connectors located on the
board. The connectors follow the common parts used on Emerson products.
A jumper on the board is used to select power supply for LVDS monitor. +3.3 V is the default,
while +5 V or +12 V are other options. +12 V and +5 V can be used to power the inverter, with
+12 V as default.
4.6.2
VGA
The design implements a VGA connector on the board edge.
Table 4-3 LVDS Panel VDD Selector (P29)
Jumper setting
(Jumper:P29)
Configuration
P29 (2-4)
+3.3 V (Default)
P29 (3-4)
+12 V
P29 (6-4)
+5 V
Table 4-4 LVDS Inverter Connector (P8)
Pin
Signal
1+V12S
2L_BKLT_EN
3GND
4L_BKLT_CTRL
5+V5S
Figure 4-3
LVDS Inverter Connector (P8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com