Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 68 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 68 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 64Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 65Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 66Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 67Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 68Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 69Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 70Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 71Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 72Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
68
5.2.5
KBC Address to Host Processor
The legacy settings of the keyboard and mouse addresses are 60h and 64h for the
status/command and data registers.
This table shows the register mapping to the host processor I/O space. For simplicity, the host
interface module specification refers to the legacy addresses.
5.2.6
EC I/O Port
The EC standard commands as described in ACPI 2.0 specifications are directly processed by
the hardware logic. The data and command/status ports are set by default to 62h and 66h
respectively and can be optionally mapped to other I/O address.
5.2.6.1
EC Status Register
The following table shows the EC status I/O Port Register.
Table 5-3 Mapping of Host Interface Registers to the Host Processor
Port
Legacy
Address
Internal Chip Select
Type
Register Name
Keyboard and
Mouse
60h
Keyboard/Mouse Data
Write
Data
64h
Keyboard/mouse Command
Write
Command
60h
Keyboard/Mouse Data
Read
Data
64h
Keyboard/Mouse Command
Read
Status
Table 5-4 EC Status I/O Port Register
Status Bit
Name
Description
7Reserved
6Reserved
5
SCI
1: Indicates if there are more SCI event or events in the SCI
queue. Upon detecting this bit being set, the system should
query the SCI event queue to obtain the SCI ID number.
Receiving and completing the EC standard commands will not
cause the SCI bit to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com