Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 76 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 76 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 72Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 73Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 74Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 75Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 76Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 77Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 78Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 79Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 80Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
76
/*
Time base is 1mS.
A --> "PORT PIN" of power sequence
B --> Active "HIGH" or "LOW"
C --> Delay time to next step.
D --> Next sequence. The terminated signature of the sequence is
"0x7F".
E --> Direction "OUTPUT" or "INPUT"
*/
const PWRSEQ_DESCRIPTOR PwrOnSeq_Table[] =
{
/* A
B
C
D
E */
{PORT_PIN(4, 0) | HIGH,
01, 0x01 | OUTPUT},
/* 0 - SB_ENABLE */
{PORT_PIN(0, 6) | HIGH,
20, 0x02 | INPUT},
/* 1 - SB_PWROK */
{PORT_PIN(4, 2) | HIGH,
20, 0x03 | OUTPUT},
/* 2 - RSMRST */
{PORT_PIN(3, 3) | LOW,
01, 0x0A | OUTPUT},
/* 3 - PWRBTN_SB */
{PORT_PIN(4, 7) | HIGH,
01, 0x7F | OUTPUT},
/* 4 - HW_PWRGD */
{PORT_PIN(0, 7) | HIGH,
00, 0x00 | INPUT },
/* 5 - SLP_S4 */
{PORT_PIN(5, 0) | HIGH, 100, 0x04 | OUTPUT},
/* 6 - CPU_VR_ON */
{PORT_PIN(3, 0) | HIGH, 120, 0x06 | INPUT },
/* 7 - ALLPWROK */
{UNUSED_PIN
| LOW,
00, 0x00 | OUTPUT},
/* 8 - */
{UNUSED_PIN
| LOW,
00, 0x00 | OUTPUT},
/* 9 - */
{PORT_PIN(1, 0) | HIGH,
01, 0x0B | INPUT },
/* A - SLP_S3 */
{PORT_PIN(4, 4) | HIGH,
01, 0x0C | OUTPUT},
/* B - SUSON */
{PORT_PIN(4, 5) | HIGH,
01, 0x07 | OUTPUT},
/* C - MAINON */
{UNUSED_PIN
| LOW,
00, 0x00 | INPUT },
/* D - */
{UNUSED_PIN
| LOW,
00, 0x00 | INPUT },
/* E - */
{UNUSED_PIN
| LOW,
00, 0x00 | INPUT }
/* F - */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com