Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 48 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 48 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 44Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 45Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 46Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 47Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 48Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 49Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 50Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 51Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 52Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
48
4.12 Power Supplies
The MITX-CORE-820 receives power from an input power connector that accepts +12 V or
+14.4 V~+19.5 V in the back-panel IO region, or from a 4-pin +12 V ATX power connector.
When a charger board is used, the power can be supplied using a 4-pin +12 V ATX power
connector from the adapter or battery connected to charger board.
Table 4-10 DC-IN Jack Pin Definitions
Pin
Signal
Pin
Signal
1GND
2+VDC_IN
3GND
4+VDC_IN
Figure 4-6
DC-IN Jack Front View
Table 4-11 ATX Power Supply Connector (J12)
Pin
Signal
Pin
Signal
1GND
2GND
3+VDC_IN
4+VDC_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com