Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 41 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 41 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 37Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 38Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 39Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 40Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 41Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 42Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 43Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 44Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 45Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
41
4.6
Video
The MITX-CORE-820 supports dual-independent displays using the Mobile Intel® 6 Series
Chipset Integrated Graphics Controller. The primary display shall be LVDS (eDP) or VGA, and
the secondary display shall be Display Port. During boot, the BIOS will detect if a VGA monitor
is attached. If VGA is attached, then the primary display shall be VGA. If VGA is not detected,
then BIOS shall default to LVDS or eDP. eDP and LVDS cannot be used at the same time.
4.6.1
LVDS
The MITX-CORE-820 supports dual-channel LVDS on pipe A of the Integrated Graphics
Controller. The Intel 6 Series chipset supports up to 24-bit color per pixel, so the design can
support both 18-bit and 24-bit LCD panels utilizing different cables.
Table 4-2 LVDS Connector (P6)
Pin
Signal
Pin
Signal
1LVDSA_DATA0
2LVDSB_DATA0
3LVDSA_DATA0#
4
LVDSB_DATA0#
7LVDSA_DATA1
8LVDSB_DATA1
9
LVDSA_DATA1#
10
LVDSB_DATA1#
13
LVDSA_DATA2
14
LVDSB_DATA2
15
LVDSA_DATA2#
16
LVDSB_DATA2#
19
LVDSA_DATA3
20
LVDSB_DATA3
21
LVDSA_DATA3#
22
LVDSB_DATA3#
25
LVDSA_CLK
26
LVDSB_CLK
27
LVDSA_CLK#
28
LVDSB_CLK#
31
LVDS_DDC_CLK
32
LVDS_DDC_DATA
33,35,3
7,39
+VDD_LVDS
36,38,4
0
+VDD_LVDS
5,
11,17,2
3,29
GND
6,12,18,
24,30,3
4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com