Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 46 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 46 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 42Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 43Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 44Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 45Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 46Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 47Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 48Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 49Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 50Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
46
4.9
WiFi/WiMax
The MITX-CORE-820 supports a PCI-Express Mini-Card 1.2 Dual Head to Head Socket designed
to comply with the PCI-Express Mini-Card ElectroMechanical 1.2 Specification. The design
supports a PCI-Express Display Mini-Card in place of the second half mini-card in the head to
head socket design. The PCI-Express Mini-Card port is interoperable with the Intel WiMAX Link
Advanced-N+ 6250 and WiFi Link Advanced-N 6200 Series wireless devices. The MITX-CORE-
820 supports PCI-Express, USB and SMbus to all PCI-Express full mini-card, half mini-card, and
display mini-card sites. The MITX-CORE-820 supports one display port to the display mini-card
site.
4.10 Storage
The MITX-CORE-820 supports two SATA 3G and two SATA 6G ports with standard vertical data
connectors. The SATA power connector provides sufficient +3.3V, +5V, +12V power to
accommodate both SSD and rotating-media drives of 1.8", 2.5" and 3.5" sizes. The MITX-CORE-
820 supports RAID 0, 1, 5, 10 across all SATA interfaces (MITX-CORE-820 only).
Table 4-8 SATA HDD Power Connector Pinout (P17)
Pin
Signal
Pin
Signal
1+V12S
2GND
3+V3.3S
4
GND
5GND
6+V5S
Figure 4-4
SATA HDD Power Connector (P17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com