Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 73 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 73 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 69Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 70Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 71Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 72Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 73Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 74Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 75Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 76Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 77Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
73
0x3E
1
Core2 Level 2 Trip
0x3F
1
Core2 Level 2 Hysteresis
0x40
1
Core2 Level 3 Trip
0x41
1
Core2 Level 3 Hysteresis
0x42
1
Core2 Level 4 Trip
0x43
1
Core2 Level 4 Hysteresis
0x44
1
Core2 Level 5 Trip
0x45
1
Core2 Level 5 Hysteresis
0x46
1
Core2 Level 6 Trip
0x47
1
Core2 Level 6 Hysteresis
0x48
1
CPU temperature
0x49
1
System temperature
0x4A
1
VGA temperature
0x4B
1
CORE 1
0x4C
1
CORE 2
0x4D
1
CPU Offset
0x4E
1
CPU temperature for shutdown system
0x4F
1
Fan speed to be set
0x50
1
Throttling State
0x51
1
System Configuration Byte
0x52
1
Device Status Byte
0x90
1
Power Status
0x91
1
Reserved
0x92
2
Battery Voltage
0x94
2
Battery Current
0x96
2
Battery Relative State of Charge
0x98
2
Battery Remaining capacity
Table 5-7 EC Space Definition (continued)
Table Offset
Length (Bytes)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com