Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 26 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 26 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 22Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 23Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 24Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 25Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 26Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 27Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 28Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 29Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 30Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
Hardware Preparation and Installation
MITX-CORE-820 Installation and Use (6806800M10D)
26
2.1.2
Power Requirements
The MITX-CORE-820 is designed to receive power from an input power connector that accepts
+12V or +14.4V~+19.5V in the back-panel IO region, or from a 4-pin +12V ATX power
connector. When a charger board is used, the power can be supplied using a 4-pin +12 V ATX
power connector from the adapter or battery connected to charger board. The TDP of the
board is 70W (no peripheral). The maximum power consumption of the board is 180W (with
the following assumptions: 75W PCI Express Graphics card, all of the USB ports are active or
powered, all components and peripherals on the boards are running at full loading). The power
supply used for MITX-CORE-820 should have margin to meet the power consumption in
different circumstance.
When the back-panel IO power connector is used to power the board, the 4-pin +12V ATX
power connector can also be used as an output DC source, but assuming this wouldn't affect
the power of the board.
2.1.3
Power Dissipation
The following table shows the power dissipation of the board’s critical components.
Temperature
0°C to 55 °C
-40°C to 85°C
Humidity
10 to 90% Non-condensing
-
Vibration
0.01g^2/Hz at 5-500 Hz
Random vibration
-
Shock
20 g 11 ms sine or saw
-
Altitude
-60 to 4000 m ASL
-
Table 2-1 Environmental Requirements (continued)
Parameter
Operating
Non-Operating
Table 2-2 Power Dissipation of Critical Components
Part
TDP (W)
Operation Limit (C)
CPU
Maximum: 45
Tj=100
Chipset
3.9
Tj=108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com