Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 49 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 49 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 45Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 46Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 47Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 48Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 49Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 50Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 51Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 52Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 53Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
49
4.12.1 Power Consumption
The following table lists the estimated maximum power consumption of MITX-CORE-820 in
three states:
4.12.2 Power Sequencing Requirements
The power sequencing meets the PCH power sequencing requirements.
4.12.3 Power Management
The MITX-CORE-820 design is ACPI 4.0a compliant. System power states S0 (Power-on), S3
(Suspend to RAM), S4 (Suspend to Disk), and S5 (Soft Off) is supported. Deep Sleep Sx is also
supported after the option in BIOS setup is enabled. The board provides FET's to power off
appropriate power planes.
Figure 4-7
ATX Power Supply Connector Top View
Table 4-12 Board MAX Power Consumption Estimation
State
Power Consumption
Configuration
Idle (CMOS Setup)
30W
SNB i7-2710QE, 2x 2G SODIMM
Idle (Windows XP Pro)
20W
Full Loading (TAT+3DMark)
70W
SNB i7-2710QE, 2x 4G SODIMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com