Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 67 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 67 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 63Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 64Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 65Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 66Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 67Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 68Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 69Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 70Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 71Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
67
5.2.4
Standard Logical Device Configuration Register
All the standard logical device configuration registers can be accessed by the host processor
after reset. All registers are read/write enabled. The following table shows the detailed
definition of standard logical device configuration registers.
Table 5-2 Standard Configuration Register Map
Index
Register Name
Description
07h
Logical Device Number
This register selects the current logical device
number.
20h
Super I/O ID
Super I/O configuration register and ID
registers
21h
Super I/O Configuration 1
24h
Super I/O Chip Revision
25h
Super I/O Configuration 5
26h
Super I/O Configuration 6
27h
Super I/O Revision ID
28h
Super I/O General Purpose Scratch
29h
Super I/O Configuration 9
2Dh
Super I/O Configuration D
2Eh - 2Fh
Reserved for Nuvoton use
30h
Logical Device Control (Activate)
Enable or disable the logical device
60h - 61h
IO Base Address Descriptor 0
Indicates selected I/O lower limit address
62h - 63h
IO Base Address Descriptor 1
70h
Interrupt Number
Indicates selected interrupt number
71h
IRQ Type Select
Indicates the type and polarity of the interrupt
request number selected in 70h
74h
DMA Channel Select 0
Indicates selected DMA channel for DMA 0 or
DMA 1 of the logical device.
75h
DMA Channel Select 1
F0h - FFh
Device Specific Logical Device
Configuration
Special (vendor-defined) configuration
options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com