Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 43 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 43 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 39Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 40Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 41Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 42Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 43Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 44Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 45Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 46Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 47Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
43
4.6.3
Display Port
There are two display ports (DP) on the rear IO. It follows the DP specifications V1.1 and has the
ability to support dual-mode DP. An HDMI monitor can be connected to the DP port using a DP-
to-HDMI adapter. There is also a dedicated DP port to DMC slot.
4.6.4
Embedded Display Port (eDP)
The product provides a eDP interface which can connect to a Flat-Panel Display (FPD) with 30-
pin/40-pin eDP connector for LED backlight with LED Driver on PCB for the Embedded Display
Port Spec v1.1. The interface can support 1, 2 or 4 lanes eDP with up to 2.7 Gb/s per lane.
Table 4-5 eDP Connector (J15)
Pin#
Signal Name
Pin#
Signal Name
1
VDD_LVDS
21
DP_TXN0
2
VDD_LVDS
22
DP_TXP0
3
VDD_LVDS
23
GND
4
VDD_LVDS
24
EMB_AUXP
5
VDD_LVDS
25
EMB_AUXN
6GND
26
GND
7GND
27
V3.3S
8
GND
28
V12S
9GND
29
GND
10
EMB_HPD
30
GND
11
GND
31
V5S
12
DP_TXN3
32
V5S
13
DP_TXP3
33
L_BKLT_CTRL
14
GND
34
L_BKLT_EN
15
DP_TXN2
35
V12S
16
DP_TXP2
36
V3.3S
17
GND
37
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com