Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 31 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 31 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 27Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 28Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 29Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 30Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 31Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 32Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 33Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 34Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 35Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
Hardware Preparation and Installation
MITX-CORE-820 Installation and Use (6806800M10D)
31
Removing Memory Module
1. Wear the ESD-preventive wrist strap.
2. Release the module from the slot by pushing the spring latches on either side of the module
outward.
3. Lift the module from the motherboard.
2.5
Processor Cooler Installation
Installing the Processor Cooler
1. Wear the ESD-preventive wrist strap.
2. Take the processor cooler and the backplate out of the anti-static package.
3. Prepare the backplate by taking off the protective film to reveal the glue layer.
4. Align the backplate to the motherboard. The screw holes on backplate should fit exactly
over the holes on the motherboard. Make sure the glue layer of the backplate does not
touch any other part of the motherboard.
5. Place the cooler on the backplate and secure it with the provided screws.
6. Plug the fan header into the fan connector on the motherboard.
Damage of the Product and Additional Devices and Modules
Incorrect installation or removal of additional devices or modules damages the product
or the additional devices or modules.
Before installing or removing additional devices or modules, read the respective
documentation and use appropriate tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com