Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 64 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 64 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 60Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 61Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 62Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 63Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 64Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 65Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 66Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 67Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 68Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
64
5.2
System BIOS Porting
5.2.1
Host Configuration Address
The host processor accesses the NPCE791x keyboard/mouse host interface and registers at
two addresses in the host address domain. These addresses are defined by two internal chip
select specified in the NPCE791x host configuration registers.
5.2.2
Index-Data Register Pair
The core can set the address of the Super I/O configuration index/data register using HCBAL
and HCBAH, which are byte-wide read/write register. HCBAL holds the least significant byte of
a host motherboard PnP initial configuration address; while HCBAH holds the most significant
byte. HCBAL and HCBAH registers are set to their default values by power-up reset and input
reset. HCBAH is set to 00h, HCBAL is set to 4Eh to Super I/O configuration index/data address
of 4E/4Fh. However, the HCBAL and HCBAH registers can be modified by a special process,
please refer to NPCE791x datasheet.
5.2.3
Blanked Logical Device Register Structure
Each functional block is associated with a logical device number (LDN). The configuration
registers are grouped in banks, with each bank holding the standard configuration registers of
the corresponding logical device.
This table shows the LDN values of the NPCE791x functional blocks. Any value not listed is set
as reserved.
Table 5-1 LDN Values
LDN
Functional Block
03h
Serial Port 1
04h
Mobile System Wake-Up Control
05h
KBC - Mouse Interface
06h
KBC - Keyboard interface
0Fh
Shared Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com