Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 30 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 30 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 26Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 27Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 28Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 29Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 30Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 31Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 32Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 33Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 34Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
Hardware Preparation and Installation
MITX-CORE-820 Installation and Use (6806800M10D)
30
2.4
Memory Module Installation
When installing or replacing the module, pay attention to the following:
The MITX-CORE-820 supports up to 16GB dual-channel, non-ECC, unbuffered DDR3 SO-
DIMM.
The SO-DIMMs must have the same sizes, frequencies, types and technologies, physical
designs, and manufacturers.
SO-DIMMs must be of single or dual rank type. Quad rank type modules are not
supported.
Installing Memory Module
1. Wear the ESD-preventive wrist strap.
2. Lay the
MITX-CORE-820, where the SO-DIMM is to be installed, on the antistatic desktop.
3. Take the SO-DIMM out of the antistatic package, holding it by the edges.
4. Line up the notch located on the row of the metal pins at the bottom of the module with
the key in the SO-DIMM slot on the motherboard.
5. Insert the SO-DIMM in a slantwise position or at a 45° angle to slide the module into place.
6. Press the module down against the motherboard until you hear it snap into place. The
modules must be properly aligned before you press it down into its final position. Remove
the module from the socket and reinstall it if you cannot press it down into its final position.
Pin Damage
Forcing the module into the system may damage connector pins. If the module freezes
during insertion, pull it out and try again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com