Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 27 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 27 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 23Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 24Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 25Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 26Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 27Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 28Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 29Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 30Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 31Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
Hardware Preparation and Installation
MITX-CORE-820 Installation and Use (6806800M10D)
27
2.2
Unpacking and Inspecting the Board
Read all notices and cautions prior to unpacking the product.
Shipment Inspection
1. Verify that you have received all items of your shipment.
Quick Start Guide and Safety Notes summary
Motherboard
Two SATA power Cables
Two SATA data cables
Driver CD
I/O Shield
SODIMM
5W (Two SODIMMs)
Tc=85
WG82574L
0.473W
Tc=109
WG82579LM
0.659W
Tc=106
Table 2-2 Power Dissipation of Critical Components
Part
TDP (W)
Operation Limit (C)
Damage of Circuits
Electrostatic discharge and incorrect installation and removal of the product can
damage circuits or shorten its life.
Before touching the product make sure that you are working in an ESD-safe
environment or wearing an ESD wrist strap or ESD shoes. Hold the product by its edges
and do not touch any components or circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com