Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MITX-CORE-820 Datasheet(PDF) 40 Page - Emerson Network Power

Part # MITX-CORE-820
Description  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 Datasheet(HTML) 40 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 36Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 37Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 38Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 39Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 40Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 41Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 42Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 43Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 44Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
Functional Description
MITX-CORE-820 Installation and Use (6806800M10D)
40
4.4
Chipset
Mobile Intel 6 series PCH is used on the board. The board can support QM67 with Core i3, i5
and i7 processors. It can also support the low end version HM65 with Celeron SKU.
4.5
System Memory
The MITX-CORE-820 supports one DDR3 1066MT/s/1333MT/s/1600MT/s SODIMM per
channel, for a total of 2 DDR3 SODIMMs. Maximum memory capacity is 16 GB (8 GB per
SODIMM) using 2 GB technology. Minimum capacity is a single 1 GB SODIMM using 1 GB
technology.
Table 4-1 PCH SKUs
Feature Set
SKU Name
QM67
UM67
HM67
HM65
QS67
PCI Express 2.0 Ports
88888
PCI Interface
NoNoNoNoNo
USB 2.0 Ports
141414125
14
Total number of SATA Ports
SATA Ports (6 Gb/s, 3 Gb/s and 1.5 Gb/s
SATA Ports (3 Gb/s and 1.5 Gb/s only)
6
24
4
6
24
4
6
24
4
6
24
4
6
24
4
HDMI/DVI/VGA/SDVO/Display Port/eDP/LVDS
Yes
Yes
Yes
Yes
Yes
Integrated Graphics Support with PAVP 2.0
Yes
Yes
Yes
Yes
Yes
Intel © Rapid Storage
Technology
AHCI
Yes
Yes
Yes
Yes
Yes
Raid 0/1/5/10 Support
Yes
No
Yes
No
Yes
Intel © Anti-Theft
Yes
Yes
Yes
Yes
Yes
Intel © AMT 7.0
Yes
No
No
No
Yes
Intel © Remote PC Assist Technology - Proactive
Yes
Yes
Yes
No
Yes
Intel © Remote PC Assist Technology - Reactive
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com