Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 124Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 125Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 126Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 127Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 128Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 129Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 130Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 131Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 332 page
background image
110
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.30
INTR (Maskable Interrupt)
Pin Attribute
Input
Pin Location
AD-34
Summary
INTR is the system’s maskable interrupt input to the processor.
When the processor samples and recognizes INTR asserted, the
processor executes a pair of interrupt acknowledge bus cycles
and then jumps to the interrupt service routine specified by the
interrupt number that was returned during the interrupt
acknowledge sequence. The processor only recognizes INTR if
the interrupt flag (IF) in the EFLAGS register equals 1.
Sampled
The processor samples INTR as a level-sensitive input on every
clock edge, but the interrupt request is not recognized until the
next instruction boundary. The system logic can drive INTR
either synchronously or asynchronously. If it is asserted
asynchronously, it must be asserted for a minimum pulse width
of two clocks. In order to be recognized, INTR must remain
asserted until an interrupt acknowledge sequence is complete.
5.31
INV (Invalidation Request)
Pin Attribute
Input
Pin Location
U-05
Summary
During an inquire cycle, the state of INV determines whether
an addressed cache line that is found in the processor’s
instruction or data cache transitions to the invalid state or the
shared state.
If INV is sampled asserted during an inquire cycle, the
processor transitions the cache line (if found) to the invalid
state, regardless of its previous state. If INV is sampled negated
during an inquire cycle, the processor transitions the cache line
(if found) to the shared state. In either case, if the cache line is
found in the modified state, the processor writes it back to
memory before changing its state.
Sampled
INV is sampled on the clock edge on which EADS# is sampled
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com