Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 132 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 132 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 128Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 129Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 130Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 131Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 132Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 133Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 134Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 135Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 136Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 332 page
background image
114
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.35
NA# (Next Address)
Pin Attribute
Input
Pin Location
Y-05
Summary
System logic asserts NA# to indicate to the processor that it is
ready to accept another bus cycle pipelined into the previous
bus cycle. ADS#, along with address and status signals, can be
asserted as early as one clock edge after NA# is sampled
asserted if the processor is prepared to start a new cycle.
Because the processor allows a maximum of two cycles to be in
progress at a time, the assertion of NA# is sampled while two
cycles are in progress, but ADS# is not asserted until the
completion of the first cycle.
Sampled
NA# is sampled every clock edge during bus cycles, starting one
clock edge after the clock edge that negates ADS#, until the last
expected BRDY# of the last executed cycle is sampled asserted
(with the exception of the clock edge after the clock edge that
negates the ADS# for a second pending cycle). Because the
processor latches NA# when sampled, the system logic only
needs to assert NA# for one clock.
5.36
NMI (Non-Maskable Interrupt)
Pin Attribute
Input
Pin Location
AC-33
Summary
When NMI is sampled asserted, the processor jumps to the
interrupt service routine defined by interrupt number 02h.
Unlike the INTR signal, software cannot mask the effect of NMI
if it is sampled asserted by the processor. However, NMI is
temporarily masked upon entering system management mode
(SMM). In addition, an interrupt acknowledge cycle is not
executed because the interrupt number is predefined.
If NMI is sampled asserted while the processor is executing the
interrupt service routine for a previous NMI, the subsequent
NMI remains pending until the completion of the execution of
the IRET instruction at the end of the interrupt service routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com