| Electronic Components Datasheet Search |
|
MC68HC908GR4MP Datasheet(PDF) 194 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP Datasheet(HTML) 194 Page - Freescale Semiconductor, Inc |
|
194 / 286 page ![]() System Integration Module (SIM) MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7 194 Freescale Semiconductor 19.4.3 SIM Counter and Reset States External reset has no effect on the SIM counter. (See 19.6.2 Stop Mode for details.) The SIM counter is free-running after all reset states. (See 19.3.2 Active Resets from Internal Sources for counter control and internal reset recovery sequences.) 19.5 Exception Control Normal, sequential program execution can be changed in three different ways: • Interrupts: – Maskable hardware CPU interrupts – Non-maskable software interrupt instruction (SWI) • Reset • Break interrupts 19.5.1 Interrupts At the beginning of an interrupt, the CPU saves the CPU register contents on the stack and sets the interrupt mask (I bit) to prevent additional interrupts. At the end of an interrupt, the RTI instruction recovers the CPU register contents from the stack so that normal processing can resume. Figure 19-8 shows interrupt entry timing. Figure 19-9 shows interrupt recovery timing. Interrupts are latched, and arbitration is performed in the SIM at the start of interrupt processing. The arbitration result is a constant that the CPU uses to determine which vector to fetch. Once an interrupt is latched by the SIM, no other interrupt can take precedence, regardless of priority, until the latched interrupt is serviced (or the I bit is cleared). See Figure 19-10. Figure 19-8 . Interrupt Entry Timing Figure 19-9. Interrupt Recovery Timing MODULE IDB R/W INTERRUPT DUMMY SP SP – 1 SP – 2 SP – 3 SP – 4 VECT H VECT L START ADDR IAB DUMMY PC–1[7:0] PC–1[15:8] X A CCR V DATA H V DATA L OPCODE I BIT IDB R/W MODULE INTERRUPT SP – 4 SP – 3 SP – 2 SP – 1 SP PC PC + 1 IAB CCR A X PC – 1 [7:0] PC–1[15:8] OPCODE OPERAND I BIT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |