Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 40Page - STMicroelectronics ST25R200 Datasheet HTML 41Page - STMicroelectronics ST25R200 Datasheet HTML 42Page - STMicroelectronics ST25R200 Datasheet HTML 43Page - STMicroelectronics ST25R200 Datasheet HTML 44Page - STMicroelectronics ST25R200 Datasheet HTML 45Page - STMicroelectronics ST25R200 Datasheet HTML 46Page - STMicroelectronics ST25R200 Datasheet HTML 47Page - STMicroelectronics ST25R200 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
5.14.20
Protocol transmission register 1
Address: 13h
Type: RW
Domain: RD
Table 33. Protocol transmission register 1
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
a_tx_par
1
0: Parity is not transmitted during transmission
1: Parity is generated and transmitted during transmission
-
5
tx_crc
1
0: CRC is not transmitted during transmission
1: CRC is generated and transmitted during transmission
-
4
tr_am
0
0: OOK
1: AM
Transmitter
modulation type
3
p_len3
0
ISO14443A/ISO15693 modulation pulse width defined in 13.56 MHz clock
periods (see Table 34 and Table 35)
-
2
p_len2
0
1
p_len1
0
0
p_len0
0
Table 34. ISO14443A modulation pulse width
p_len<3:0>
p_len3
p_len2
p_len1
p_len0
Pulse width in number of 1/fc
7
0
1
1
1
42
6
0
1
1
0
41
5
0
1
0
1
40
4
0
1
0
0
39
3
0
0
1
1
38
2
0
0
1
0
37
1
0
0
0
1
36
0
0
0
0
0
35
15
1
1
1
1
34
14
1
1
1
0
33
13
1
1
0
1
32
12
1
1
0
0
31
11
1
0
1
1
30
10
1
0
1
0
29
9
1
0
0
1
28
8
1
0
0
0
27
ST25R200
Application information
DS13658 - Rev 2
page 44/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com